Part Number Hot Search : 
M5281 ADTR2 2222L TC144E SAB80 AD943 M013TR 216125
Product Description
Full Text Search
 

To Download 586-1203-203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  led lighting for pay pay for backlighting for buttons, reels and general illumination led linear light based led
based le ds selector guide with the technological advancements in light emitting diodes (leds) brightness can now rival the incandescent lamp when used in similar packages. these advancements have allowed for a new type of product called the based led - an led with the fit and functionality of an incandescent light bulb. dialight's line of based leds were designed with flexibility and efficiency in mind. s longer life - up to 100,000 hrs s energy savings - 90% less power required s high reliability - vibration and shock resistant s multi-chip, cluster, and single ultra-bright chip s alingap and ingan die technology s polarized and non-polarized s single and multi-voltage input t 3 1/4 miniature bayonet (ba9s) t 3 1/4 miniature bayonet (ba9s) t 3 1/4 wedge (t10) t 3 1/4 miniature screw (e10) dddddddd dd dddddddd ddd dddddddd d dddddddd d ddddddddd base 6 12/14* 24/28* 120 non- 6-36 style config. red green amber blue white vdc vdc vdc vac polarized polarized ac/dc single chip single chip cluster cluster cluster t 1 3/4 wedge (t5) led configuration: single chip - the single chip design consists of a single ultra-bright led of the latest led technology, alingap or ingan, which is mounted onto an incandescent base. even though there is only one led, this high intensity product can provide equivalent light output of the bulb it replaces. this design has a slightly narrower viewing angle than either the multi-chip or cluster, yet is one of the mo st cost-effective designs available. cluster - the cluster uses multiple discrete smd or 3 mm t1 leds mounted into the appropriate incandescent base. the viewing angle of the cluster is 120, however the use of multiple leds increases the overall light output. the overall design provides flexib ility where the lat- est in led technology, alingap and ingan, can be employed. multi-chip - the multi-chip device incorporates 6 led die-mounted on a specially designed ceramic header which is then placed onto a traditional incandescent base. it's unique construction enables versatility; not only can the die be mounted on this header but additional com- ponents can be added. typical viewing angle of the multi-chip is 120. polarity leds are diodes which allow current to flow in only one direction. in order to utilize them with an alternating power source (a c), or if you are unfamiliar with the polarity of your circuit, a rectifying circuit must be used. dialight's non-polarized based leds incorp orate a full wave rectifier and all the necessary components to allow proper operation in any circuit providing the correct voltage is used. maximizing light output in order to maximize the light output from a based led, it is important to match the color of the lens cap to the emitting colo r of the led. unlike the incandescent lamp that emits light over the full spectrum, leds are monochromatic (emit one color). since a lens cap is a filter, if not matched properly the overall light output may be substantially reduced. sampling of product
dominant forward part color wavelength current intensity number (typ- nm) voltage (typ. ma) (typ.-mcd) 586-2201-201 red 615 6 vdc 15 888 586-2202-201 green 528 6 vdc 15 784 586-2203-201 yellow 591 6 vdc 15 628 586-2205-201 blue 470 6 vdc 15 252 586-2206-201 white * 6 vdc 15 1680 586-220a-201 white/yellow * / 591 6 vdc 15 1154 586-220b-201 white/orange * / 610 6 vdc 15 1232 586-2201-202 red 615 12 vdc 15 888 586-2202-202 green 528 12 vdc 15 784 586-2203-202 yellow 591 12 vdc 15 628 586-2205-202 blue 470 12 vdc 15 252 586-2206-202 white * 12 vdc 15 1680 586-220a-202 white/yellow * / 591 12 vdc 15 1154 586-220b-202 white/orange * / 610 12 vdc 15 1232 586-2201-203 red 615 14 vdc 15 888 586-2202-203 green 528 14 vdc 15 784 586-2203-203 yellow 591 14 vdc 15 628 586-2205-203 blue 470 14 vdc 15 252 586-2206-203 white * 14 vdc 15 1680 586-220a-203 white/yellow * / 591 14 vdc 15 1154 586-220b-203 white/orange * / 610 14 vdc 15 1232 586-2201-204 red 615 24 vdc 15 888 586-2202-204 green 528 24 vdc 15 784 586-2203-204 yellow 591 24 vdc 15 628 586-2205-204 blue 470 24 vdc 15 252 586-2206-204 white * 24 vdc 15 1680 586-220a-204 white/yellow * / 591 24 vdc 15 1154 586-220b-204 white/orange * / 610 24 vdc 15 1232 dialight reserves the right to make changes at any time in order to supply the best product possible. dominant forward part color wavelength current intensity number (typ- nm) voltage (typ. ma) (typ.-mcd) 586-1201-201 red 615 6 vdc 35 450 586-1202-201 green 528 6 vdc 15 120 586-1203-201 yellow 587 6 vdc 35 450 586-1205-201 blue 470 6 vdc 15 50 586-1206-201 white * 6 vdc 15 320 586-1201-202 red 615 12 vdc 18 450 586-1202-202 green 528 12 vdc 11 170 586-1203-202 yellow 587 12 vdc 18 450 586-1205-202 blue 470 12 vdc 11 70 586-1206-202 white * 12 vdc 11 450 586-1201-203 red 615 14 vdc 20 500 586-1202-203 green 528 14 vdc 12 185 586-1203-203 yellow 587 14 vdc 20 500 586-1205-203 blue 470 14 vdc 12 75 586-1206-203 white * 14 vdc 12 500 586-1201-204 red 615 24 vdc 14 350 586-1202-204 green 528 24 vdc 14 215 586-1203-204 yellow 587 24 vdc 14 350 586-1205-204 blue 470 24 vdc 14 85 586-1206-204 white * 24 vdc 14 580 586-1201-205 red 615 28 vdc 14 350 586-1202-205 green 528 28 vdc 13 210 586-1203-205 yellow 587 28 vdc 14 350 586-1205-205 blue 470 28 vdc 13 80 586-1206-205 white * 28 vdc 13 540 * white color coordinates: x = .320, y = .310 t 3 1/4 wedge (t10) s operating voltages: 6,12,14 and 24 vdc (t5 also available in 28 vdc) s non-polarized s operating temperature: -30 o c to + 85 o c s storage temperature: -40 o c to + 100 o c t 1 3/4 wedge (t5) s replaces incandescent lamp numbers: 79, 16, 84, 86, 18, 37, 70, 73, 74, 17, 85** 586 series based leds s replaces incandescent lamp numbers: 159, 259, 444, 447, 555, 3-501, 3-504, 3-509, 124, 158, 161, 168, 193, 194, 658, 184, 3-505, 3-507** ** may replace other incandescent lamps to illuminate switches and reels t 1 3/4 wedge (t5) t 3 1/4 wedge (t10)
for back lighting panels 18 inch (460 mm) linear light strip s operating requirements: constant current source of 700 ma* s operating temperature: -40 o c to +55 o c s storage temperature: -40 o c to +120 o c s lumens output: up to 360 lumens s housing material: black aluminum s lens material: polycarbonate ul94 flammability rating s projected life: 50,000 hours (70% initial output after 50,000 hours) *example: advance transformer part number 120vac input - led 120a0700c24f 230vac input - led 913700518806 dialight reserves the right to make changes at any time in order to supply the best product possible. dialight corporation 1501 route 34 south farmingdale, nj 07727 usa tel: 1-732-919-3119 ? fax: 1-732-751-5778 www.dialight.com a roxboro group company typical part number lumen output color lens slw-46021- i ca 120 warm white non-diffused slw-46021- i cb 120 warm white diffused slc-46027- i ca 150 cool white non-diffused slc-46027- i cb 150 cool white diffused slw-46042- i ca 240 warm white non-diffused slw-46042- i cb 240 warm white diffused slc-46054- i ca 300 cool white non-diffused slc-46054- i cb 300 cool white diffused mbexgamx001_a


▲Up To Search▲   

 
Price & Availability of 586-1203-203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X